PART |
Description |
Maker |
IXBOD1-23R IXBOD1-23RD IXBOD1-19R IXBOD1-19RD IXBO |
Transient voltage protection Single Breakover Diode(单穿通二极管) SINGLE UNIDIRECTIONAL BREAKOVER DIODE|1.55KV V(BO) MAX|15MA I(S) SINGLE UNIDIRECTIONAL BREAKOVER DIODE|1.75KV V(BO) MAX|15MA I(S) GT 9C 2#12 7#16 SKT PLUG 3200 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.7KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.7KV五(公报)最大| 15mA的我(拧 SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.45KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.45KV五(公报)最大| 15mA的我(拧 2100 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.05KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.05KV五(公报)最大| 15mA的我(拧 3000 V, RVS BLOCKING BOD 2000 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.25KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.25KV五(公报)最大| 15mA的我(拧 2600 V, RVS BLOCKING BOD Breakover Diodes 800 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|1.35KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 1.35KV五(公报)最大| 15mA的我(拧 SINGLE UNIDIRECTIONAL BREAKOVER DIODE|3.3KV V(BO) MAX|15MA I(S)
|
IXYS Corporation IXYS, Corp.
|
LTC1879EGN |
1.2A Synchronous Step-Down Regulator with 15mA Quiescent Current
|
http://
|
LTC3620-15 |
Ultralow Power 15mA Synchronous Step-Down Switching Regulator
|
Linear Technology
|
LTC3620EDC-1PBF LTC3620EDCPBF LTC3620 LTC3620EDC L |
Ultralow Power 15mA Synchronous Step-Down Switching Regulator
|
Linear Technology
|
MC78L00 MC78L05 MC78L05ABD MC78L05ABP MC78L05CP MC |
4.5V to 18V Input, Low Pin Count Synchronous Buck Controller with Power Good 10-SON -40 to 85 15 V FIXED POSITIVE REGULATOR, PBCY3 4.5V to 18V Input, Low Pin Count, Synchronous Buck Controller with Power Good 10-SON -40 to 85 15 V FIXED POSITIVE REGULATOR, PDSO8 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.0 AMP POSITIVE VOLTAGE REGULATOR 18 V FIXED POSITIVE REGULATOR, PBCY3 DIODE SWITCH 80V 100MA S-MINI 2P 三端低电流正电压调节 High Efficiency, Mid-Range Input, Synchronous Buck Controller with Voltage Feed Forward 16-HTSSOP -40 to 85 Wide Input Non-Synchronous Buck DC/DC Controller 8-SOIC -40 to 85 Three-Terminal Low Current Positive Voltage Regulators From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc. ON Semi MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc] http://
|
EUA4890A EUA4890AHIR1 |
Positive Adjustable Voltage Regulator, Low-Dropout Regulator, Small Surface Mount, capable of surviving negative transients up to 20V below ground and positive transient up to 60V 1瓦音频功率放大器 128K x 8, 5V Even-Sectored Flash 1瓦音频功率放大器
|
Eutech Microelectronics, Inc.
|
LTC7149 |
60V, 4A Synchronous Step-Down Regulator for Inverting Outputs
|
Linear Technology
|
MP9928 MP9928GF MP9928GL |
4V-60V Input, Current Mode, Synchronous Step-Down Controller
|
Monolithic Power System...
|
LM2931AZ-5.0RPG LM2931Z-5.0RPG LM2931Z-5.0G LM2931 |
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 Resistor Wirewound 20.5 OHM 5% 4W 20PPM AXIAL Thru-Hole T/R 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ON Semiconductor TE Connectivity, Ltd.
|
MAX17651 |
60V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
|
Maxim Integrated Produc...
|
UP6161 |
Single 12V Input Supply Dual Regulator Synchronous Buck PWM and Linear Regulator Controller
|
UPI
|